データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TX58TEGXDDKTAX0 データシート(PDF) 12 Page - Toshiba Semiconductor

部品番号 TX58TEGXDDKTAX0
部品情報  Semiconductor & Storage Products
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TX58TEGXDDKTAX0 データシート(HTML) 12 Page - Toshiba Semiconductor

Back Button TX58TEGXDDKTAX0 Datasheet HTML 8Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 9Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 10Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 11Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 12Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 13Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 14Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 15Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 121 page
background image
TOSHIBA CONFIDENTIAL
Tx58TEGxDDKTAx0
TENTATIVE 2013-07-10C
11
TC58TEG6DDKTA00 / TC58TEG6DDKTAI0
TH58TEG7DDKTA20 / TH58TEG7DDKTAK0
TH58TEG8DDKTA20 / TH58TEG8DDKTAK0
2.
PHYSICAL INTERFACE
2.1. Pin Descriptions
Table 3
Pin Descriptions
SDR
Toggle
DDR1.0
Pin Function
DQ[7:0]
DQ[7:0]
DATA INPUTS/OUTPUTS
The DQ pins are used to input command, address and data and to output data during read operations.
The DQ pins float to high-z when the chip is deselected or when the outputs are disabled.
CLE
CLE
COMMAND LATCH ENABLE
The CLE input controls the activating path for commands sent to the command register. When active high,
commands are latched into the command register through the DQ ports on the rising edge of the WE
signal.
ALE
ALE
ADDRESS LATCH ENABLE
The ALE input controls the activating path for address to the internal address registers.
Addresses are latched on the rising edge of WE with ALE high.
CE
CE
CHIP ENABLE
The CE input is the device selection control. When the device is in the Busy state, CE high is ignored,
and the device does not return to standby mode in program or erase operation.
RE
RE
READ ENABLE
The RE input is the serial data-out control, and when active, drives the data onto the DQ bus. Data is
valid after tDQSRE of rising edge & falling edge of RE , which also increments the internal column address
counter by each one.
WE
WE
WRITE ENABLE
The WE input controls writes to the DQ port. Commands, addresses are latched on the rising edge of the
WE pulse.
WP
WP
WRITE PROTECT
The WP pin provides inadvertent program/erase protection during power transitions.
The internal high voltage generator is reset when the WP pin is active low.
R/ B
R/ B
READY/BUSY OUTPUT
The R/ B output indicates the status of the device operation. When low, it indicates that a program, erase
or random read operation is in process and returns to high state upon completion. It is an open drain output
and does not float to high-z condition when the chip is deselected or when outputs are disabled.
-
DQS
DATA STROBE
Output with read data, input with write data. Edge-aligned with read data, centered in write data.
Vcc
Vcc
POWER
VCC is the power supply for device.
VccQ
VccQ
DQ POWER
The VccQ is the power supply for input and/or output signals.
Vss
Vss
GROUND
VssQ
VssQ
DQ GROUND
The VssQ is the power supply ground
VPP
VPP
External VPP
The VPP signal is an optional external high voltage power supply to the device. This high voltage power
supply may be used to enhance Erase and Program operations (e.g., improved power efficiency).
NC
NC
No connection
NCs are not internally connected. They can be driven or left unconnected.
NU
NU
Not use
NUs must be left unconnected.
NOTE:
1) Connect all Vcc and Vss pins of each device to common power supply outputs.
2) Do not leave all Vcc, VccQ, Vss and VssQ disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com