データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TX58TEGXDDKTAX0 データシート(PDF) 64 Page - Toshiba Semiconductor

部品番号 TX58TEGXDDKTAX0
部品情報  Semiconductor & Storage Products
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TX58TEGXDDKTAX0 データシート(HTML) 64 Page - Toshiba Semiconductor

Back Button TX58TEGXDDKTAX0 Datasheet HTML 60Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 61Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 62Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 63Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 64Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 65Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 66Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 67Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 121 page
background image
TOSHIBA CONFIDENTIAL
Tx58TEGxDDKTAx0
TENTATIVE 2013-07-10C
63
TC58TEG6DDKTA00 / TC58TEG6DDKTAI0
TH58TEG7DDKTA20 / TH58TEG7DDKTAK0
TH58TEG8DDKTA20 / TH58TEG8DDKTAK0
5.2.6. Cache Program Operation
The Cache Program function allows the host to write the next data for another page to the page register while a
page of data to be programmed to the Flash array for the selected LUN. When command 15h is issued, R/ B
returns high (i.e. ready) when a cache register is ready to be written after data in the cache register is transferred
to a page register. However, when command 10h is issued for the final page, R/ B turns to high after outstanding
program operation performed by previous Cache Program command and the program operation for the final page is
completed. SR[0] is valid for this command after SR[5] transitions from zero to one until the next transition. SR[1]
is valid for this command after SR[6] transitions from zero to one, and it is invalid after the first Cache Program
Command completion since there is no previous Cache Program operation. Cache Program operation shall work
only within a block. Figure 47 defines the Cache Program behavior and timings. Note that tPROG at the end of the
caching operation may be longer than typical as this time also includes completing the programming operation for
the previous page. Writing beyond the end of the page register is undefined.
Figure 47. Cache Program Timing
5.2.7. Block Erase Operation
The Block Erase operation is done on a block basis. Only three cycles of row addresses are required for Block Erase
operation and a page address within the cycles is ignored while plane and block address are valid. After Block
Erase operation passes, all bits in the block shall be set to one. SR[0] is valid for this command after SR[6]
transitions from zero to one(i.e. the selected LUN is ready) until the LUN goes in busy state by a next command.
Figure 48defines the Block Erase behavior and timings.
Figure 48. Block Erase Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com