データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TX58TEGXDDKTAX0 データシート(PDF) 67 Page - Toshiba Semiconductor

部品番号 TX58TEGXDDKTAX0
部品情報  Semiconductor & Storage Products
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TX58TEGXDDKTAX0 データシート(HTML) 67 Page - Toshiba Semiconductor

Back Button TX58TEGXDDKTAX0 Datasheet HTML 63Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 64Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 65Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 66Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 67Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 68Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 69Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 70Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 71Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 121 page
background image
TOSHIBA CONFIDENTIAL
Tx58TEGxDDKTAx0
TENTATIVE 2013-07-10C
66
TC58TEG6DDKTA00 / TC58TEG6DDKTAI0
TH58TEG7DDKTA20 / TH58TEG7DDKTAK0
TH58TEG8DDKTA20 / TH58TEG8DDKTAK0
5.2.9.2. Driver strength setting (10h)
Driver strength is configured according to the B0 value.
Table 35
Driver Strength Setting Data
B0 Value
Description
00h ~ 01h
Reserved
02h
Driver Multiplier : Underdrive
03h
Reserved
04h
Driver Multiplier : 1 (default)
05h
Reserved
06h
Driver Multiplier : Overdrive 1
07h
Reserved
08h
Reserved
09h ~ FFh
Reserved
NOTE:
B1, B2 and B3 are reserved and shall be written with 00h.
Table 36
Interface change Setting Data
B0 Value
Description
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
0
0
0
0
0
0
0
0
to Toggle DDR1.0
0
0
0
0
0
0
0
1
to SDR
5.2.9.3. External VPP(30h)
This setting controls whether external VPP is enabled. External VPP is configured according to the B0 value. VPP
must be validly supplied prior to the Set Feature that enables VPP.
Table 37 External VPP Setting Data
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
B0
Reserved
VPP
Table 38 External VPP Setting Data Definition
Description
VPP
0 : Disabled (default)
1 : Enabled
NOTE:
B1, B2 and B3 are reserved and shall be written with 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com