データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TX58TEGXDDKTAX0 データシート(PDF) 10 Page - Toshiba Semiconductor

部品番号 TX58TEGXDDKTAX0
部品情報  Semiconductor & Storage Products
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TX58TEGXDDKTAX0 データシート(HTML) 10 Page - Toshiba Semiconductor

Back Button TX58TEGXDDKTAX0 Datasheet HTML 6Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 7Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 8Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 9Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 10Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 11Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 12Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 13Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 121 page
background image
TOSHIBA CONFIDENTIAL
Tx58TEGxDDKTAx0
TENTATIVE 2013-07-10C
9
TC58TEG6DDKTA00 / TC58TEG6DDKTAI0
TH58TEG7DDKTA20 / TH58TEG7DDKTAK0
TH58TEG8DDKTA20 / TH58TEG8DDKTAK0
1.3. Features
Product Organization
Table 1
Product Organization
Parameter
TC58TEG6DDK
TH58TEG7DDK
TH58TEG8DDK
Part number (TOPER: 0~70℃)
TC58TEG6DDKTA00
TH58TEG7DDKTA20
TH58TEG8DDKTA20
Part number (TOPER: -40~85℃)
TC58TEG6DDKTAI0
TH58TEG7DDKTAK0
TH58TEG8DDKTAK0
Device capacity
17664
×256×2132×8 bits
17664
×256×2132×8×2 bits 17664×256×2132×8×4 bits
Page size
17664 Bytes
17664 Bytes
17664 Bytes
Block size
(4M
+ 320 K) Bytes
(4M
+ 320 K) Bytes
(4M
+ 320 K) Bytes
Plane size
4820434944Bytes
4820434944Bytes
4820434944Bytes
Plane per one LUN
2 Planes
2 Planes
2 Planes
LUN per one target
1 LUNs
1 LUNs
2LUNs
Target per one device
1 target
2 targets
2 targets
Number of valid blocks per a
device (min)
2018(TENTATIVE)
4036(TENTATIVE)
8072(TENTATIVE)
Number of valid blocks per a
device (max)
2132(TENTATIVE)
4264(TENTATIVE)
8528(TENTATIVE)
Package weight
TBD g
TBD g
TBD g
Modes
Basic Operation
Page Read Operation (with Random Data Output), Data Out After Status Read, Sequential Cache Read
Operation, Random Cache Read Operation, Page Program Operation (with Random Data Input),
Cache Program Operation, Block Erase Operation, Copy-Back Program Operation (with Random Data Input),
Set Feature Operation, Get Feature Operation, Read ID Operation, Read Status Operation, Reset Operation,
Reset LUN Operation
Extended Operation
Multi Page Read Operation, Multi Sequential Cache Read Operation, Multi Page Random Cache Read
Operation, Multi Page Program Operation, Multi Cache Program Operation, Multi Block Erase Operation,
Multi Copy-Back Program Operation,
Page Copy (2) Operation, Multi Page Copy (2) Operation,
Device Identification Table Read Operation, Read Status Enhanced Operation, Read LUN #0 Status
Operation
Interleaving Operation
Interleaving Page Program, Interleaving Page Read, Interleaving Block Erase, Interleaving Multi Page
Program, Interleaving Multi Block Erase, Interleaving Read to Page Program, Interleaving Copy-Back
Program, Interleaving Multi Copy Back Program
Table 2
Supported Operation Modes
Operation Mode
TC58TEG6DDK
TH58TEG7DDK
TH58TEG8DDK
Basic Operation
Supported
Supported
Supported
Extended Operation
Supported
Supported
Supported
Interleaving Operation
Not supported
Not supported
Supported
NOTE :
1) Read LUN #1 Status Operation is supported only if the Target has more than 2 LUNs.
Mode control
Serial input/output
Command control
Power supply
VCC = 2.7 V to 3.6 V
VCCQ = 2.7 V to 3.6 V / 1.7 V to 1.95V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com