データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TX58TEGXDDKTAX0 データシート(PDF) 91 Page - Toshiba Semiconductor

部品番号 TX58TEGXDDKTAX0
部品情報  Semiconductor & Storage Products
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TX58TEGXDDKTAX0 データシート(HTML) 91 Page - Toshiba Semiconductor

Back Button TX58TEGXDDKTAX0 Datasheet HTML 87Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 88Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 89Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 90Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 91Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 92Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 93Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 94Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 95Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 121 page
background image
TOSHIBA CONFIDENTIAL
Tx58TEGxDDKTAx0
TENTATIVE 2013-07-10C
90
TC58TEG6DDKTA00 / TC58TEG6DDKTAI0
TH58TEG7DDKTA20 / TH58TEG7DDKTAK0
TH58TEG8DDKTA20 / TH58TEG8DDKTAK0
Byte 0-3: Parameter page signature
This field contains the Parameter Page signature. When two or more bytes of the signature are valid, then it
denotes that a valid copy of the Paramter Page is present.
Byte 0 shall be set to 4Ah.
Byte 1 shall be set to 45h.
Byte 2 shall be set to 53h.
Byte 3 shall be set to 44h.
Byte 4-5: Revision number
This field indicates the revisions of the Paramter Page and standard that the target complies to. The target may
support multiple revisions of the standard. This is a bit field where each defined bit corresponds to a particular
specification revision that the target may support.
Bit 0 shall be cleared to zero.
Bit 1 when set to one indicates that the target supports vender specific Paramter Page.
Bit 2 when set to one indicates that the target supports Paramter Page revision 1.0 and standard revision 1.0.
Bits 3-15 are reserved and shall be cleared to zero.
Byte 6-7: Features supported
This field indicates the optional features that the target supports.
Bit 0 when set to one indicates that the target’s data bus width is 16-bits. Bit 0 when cleared to zero indicates that
the target’s data bus width is 8-bits. The host shall use the indicated data bus width for all commands that are
defined to be transferred at the bus width (x8 or x16). Note that some commands, like Read ID, always transfer
data as 8-bit only.
Bit 1 when set to one indicates that the target supports multiple LUN operations. If bit 1 is cleared to zero, then
the host shall not issue commands to a LUN unless all other LUNs on the target are idle (i.e. R/B_n is set to one).
Bit 2 when set to one indicates that the target supports non-sequential page programming operations, such that the
host may program pages within a block in arbitrary order. Bit 2 when cleared to zero indicates that the target does
not support non-sequential page programming operations. If bit 2 is cleared to zero, the host shall program all
pages within a block in order starting with page 0.
Bit 3 when set to one indicates that the target supports multi-plane program and erase operations.
Bit 4 when set to one indicates that the target supports multi-plane read operations.
Bit 5 when set to one indicates that the Synchronous DDR data interface is supported by the target. If bit 5 is set to
one, then the target shall indicate the Synchronous DDR timing modes supported in the Synchronous DDR timing
mode support field. Bit 5 when cleared to zero indicates that the Synchronous DDR data interface is not supported
by the target.
Bit 6 when set to one indicates that the Toggle Mode DDR data interface is supported by the target. If bit 6 is set to
one, then the target shall indicate the Toggle Mode DDR timing modes supported in the Toggle Mode DDR timing
mode support field. Bit 6 when cleared to zero indicates that the Toggle Mode DDR data interface is not supported
by the target.
Bit 7 when set to one indicates that the target supports external Vpp. If bit 7 is cleared to zero, then the target does
not support external Vpp.
Bit 8 when set to one indicates that the target supports clearing only the page register for the LUN addressed with
the Program (80h) command. If bit 8 is cleared to zero, then a Program (80h) command clears the page register for
each LUN that is part of the target. At power-on, the device clears the page register for each LUN that is part of the
target.
Bits 9-15 are reserved and shall be cleared to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com