データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TX58TEGXDDKTAX0 データシート(PDF) 57 Page - Toshiba Semiconductor

部品番号 TX58TEGXDDKTAX0
部品情報  Semiconductor & Storage Products
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TX58TEGXDDKTAX0 データシート(HTML) 57 Page - Toshiba Semiconductor

Back Button TX58TEGXDDKTAX0 Datasheet HTML 53Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 54Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 55Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 56Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 57Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 58Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 59Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 60Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 121 page
background image
TOSHIBA CONFIDENTIAL
Tx58TEGxDDKTAx0
TENTATIVE 2013-07-10C
56
TC58TEG6DDKTA00 / TC58TEG6DDKTAI0
TH58TEG7DDKTA20 / TH58TEG7DDKTAK0
TH58TEG8DDKTA20 / TH58TEG8DDKTAK0
/WE Low pulse Width
tWP
11
-
ns
Write Preamble
tWPRE
15
-
ns
Write Postamble
tWPST
6.5
-
ns
Write Postamble Hold Time
tWPSTH
25
-
ns
/WP High/Low to /WE low
tWW
100
-
ns
NOTE : The values in this table are preliminary and subject to change.
In case of 4stack TSOP(TH58TEG8DDKTA20), t
DQSQ
and t
QHS
are 1.0ns.
SDR
Parameter
Symbol
Min
Max
Unit
CLE Setup Time
tCLS
10
ns
CLE Setup Time
tCLS2
40
ns
CLE Hold Time
tCLH
5
ns
CE Setup Time
tCS
15
ns
CE Setup Time
tCS2
32
ns
CE Hold Time
tCH
5
ns
Write Pulse Width
tWP
10
ns
ALE Setup Time
tALS
10
ns
ALE Hold Time
tALH
5
ns
Data Setup Time
tDS
5
ns
Data Hold Time
tDH
5
ns
Write Cycle Time
tWC
20
ns
WE High Hold Time
tWH
7
ns
Address to Data Loading Time
tADL*
300
ns
WP High to WE Low
tWW
100
ns
Ready to RE Falling Edge
tRR
20
ns
Ready to WE Falling Edge
tRW
20
ns
Read Pulse Width
tRP
10
ns
Read Cycle Time
tRC
20
ns
RE Access Time
tREA
16
ns
CE Low to RE Low
tCR
9
ns
CLE Low to RE Low
tCLR
10
ns
ALE Low to RE Low
tAR
10
ns
Data Output Hold Time from RE High
tRHOH
25
ns
Data Output Hold Time from RE Low
tRLOH
5
ns
RE High to Output High Impedance
tRHZ
60
ns
CE High to Output High Impedance
tCHZ
30
ns
CLE High to Output High Impedance
tCLHZ
30
ns
RE High Hold Time
tREH
7
ns
Output-High-impedance-to- RE Falling Edge
tIR
0
ns
WE High to CE Low
tWHC
30
ns
WE High to RE Low
tWHR
120
ns
WE High to RE Low for Random data out
tWHR2
300
ns
WE High to Busy
tWB
100
ns
Device Reset Time (Ready/Read/Program/Erase)
tRST
10/30/100
µs
CE Access Time
tCEA
25
ns
Busy time for Set Feature and Get Feature
tFEAT
1
µs
NOTE : The values in this table are preliminary and subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com