データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TX58TEGXDDKTAX0 データシート(PDF) 88 Page - Toshiba Semiconductor

部品番号 TX58TEGXDDKTAX0
部品情報  Semiconductor & Storage Products
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TX58TEGXDDKTAX0 データシート(HTML) 88 Page - Toshiba Semiconductor

Back Button TX58TEGXDDKTAX0 Datasheet HTML 84Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 85Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 86Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 87Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 88Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 89Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 90Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 91Page - Toshiba Semiconductor TX58TEGXDDKTAX0 Datasheet HTML 92Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 121 page
background image
TOSHIBA CONFIDENTIAL
Tx58TEGxDDKTAx0
TENTATIVE 2013-07-10C
87
TC58TEG6DDKTA00 / TC58TEG6DDKTAI0
TH58TEG7DDKTA20 / TH58TEG7DDKTAK0
TH58TEG8DDKTA20 / TH58TEG8DDKTAK0
3: 1 = supports Read Status Enhanced (Primary)
2: 1 = supports Get Features and Set Features
1: 1 = supports Read Cache commands
0: 1 = supports Page Cache Program command
11-12
O
Secondary commands supported
8-15: Reserved (0)
7: 1 = supports secondary Read Status Enhanced
6: 1 = supports secondary Multi-plane Block Erase
5: 1 = supports secondary Multi-plane Copyback
Program
4: 1 = supports secondary Multi-plane Program
3: 1 = supports secondary Random Data Out
2: 1 = supports secondary Multi-plane Copyback
Read
1: 1 = supports secondary Multi-plane Read Cache
Random
0: 1 = supports secondary Multi-plane Read
85h, 00h
13
O
Number of Parameter Pages
20h
14-31
Reserved (0)
All 00h
Manufacturer information block
32-43
M
Device manufacturer (12 ASCII characters)
TOSHIBA
54h, 4Fh, 53h, 48h
49h, 42h, 41h, 20h
20h, 20h, 20h, 20h
44-63
M
Device model (20 ASCII characters)
54h, 43h, 35h, 38h, 54h, 45h, 47h,36h,
44h, 44h, 4Bh, 54h, 41h, 30h, 30h, 20h
20h, 20h, 20h, 20h (TC58TEG6DDKTA00)
54h, 48h, 35h, 38h, 54h, 45h, 47h, 37h,
44h, 44h, 4Bh, 54h, 41h, 32h, 30h, 20h
20h, 20h, 20h, 20h (TH58TEG7DDKTA20)
54h, 48h, 35h, 38h, 54h, 45h, 47h, 38h,
44h, 44h, 4Bh, 54h, 41h, 32h, 30h, 20h
20h, 20h, 20h, 20h (TH58TEG8DDKTA20)
54h, 43h, 35h, 38h, 54h, 45h, 47h, 36h
44h, 44h, 4Bh, 54h, 41h, 49h, 30h, 20h
20h, 20h, 20h, 20h (TC58TEG6DDKTAI0)
54h, 48h, 35h, 38h, 54h, 45h, 47h, 37h,
44h, 44h, 4Bh, 54h, 41h, 4Bh, 30h, 20h
20h, 20h, 20h, 20h (TH58TEG7DDKTAK0)
54h, 48h, 35h, 38h, 54h, 45h, 47h, 38h,
44h, 44h, 4Bh, 54h, 41h, 4Bh, 30h, 20h
20h, 20h, 20h, 20h (TH58TEG8DDKTAK0)
64-69
M
JEDEC manufacturer ID (6 bytes)
98h, 00h, 00h, 00h, 00h, 00h
70-79
Reserved (0)
All 00h
Memory organization block
80-83
M
Number of data bytes per page
00h, 40h, 00h, 00h
84-85
M
Number of spare bytes per page
00h, 05h
86-91
Reserved (0)
All 00h
92-95
M
Number of pages per block
00h, 01h, 00h, 00h
96-99
M
Number of blocks per logical unit (LUN)
54h, 08h, 00h, 00h
100
M
Number of logical units (LUNs)
01h (TC58TEG6DDK, TH58TEG7DDK)
02h (TH58TEG8DDK)
Memory organization block
101
M
Number of address cycles
4-7: Column address cycles
0-3: Row address cycles
23h
102
M
Number of bits per cell
02h
103
M
Number of programs per page
01h
104
M
Multi-plane addressing
4-7: Reserved (0)
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com