データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F15213 データシート(PDF) 66 Page - Microchip Technology

部品番号 PIC16F15213
部品情報  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 データシート(HTML) 66 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 62Page - Microchip Technology PIC16F15213 Datasheet HTML 63Page - Microchip Technology PIC16F15213 Datasheet HTML 64Page - Microchip Technology PIC16F15213 Datasheet HTML 65Page - Microchip Technology PIC16F15213 Datasheet HTML 66Page - Microchip Technology PIC16F15213 Datasheet HTML 67Page - Microchip Technology PIC16F15213 Datasheet HTML 68Page - Microchip Technology PIC16F15213 Datasheet HTML 69Page - Microchip Technology PIC16F15213 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 439 page
background image
10.2
Brown-out Reset (BOR)
The BOR circuit holds the device in Reset when VDD reaches a selectable minimum level. Between the POR and
BOR, complete voltage range coverage for execution protection can be implemented.
The Brown-out Reset module has four operating modes controlled by the BOREN bits. The four operating modes are:
• BOR is always on
• BOR is off when in Sleep
• BOR is controlled by software
• BOR is always off
Refer to Table 10-1 for more information.
The Brown-out Reset voltage level is selectable by configuring the BORV bits.
A VDD noise rejection filter prevents the BOR from triggering on small events. If VDD falls below VBOR for a duration
greater than parameter TBORDC, the device will reset and the BOR bit will be cleared, indicating the Brown-out Reset
condition occurred. See Figure 10-2.
10.2.1
BOR Is Always On
When the BOREN bits are programmed to ‘11’, the BOR is always on. The device start-up will be delayed until the
BOR is ready and VDD is higher than the BOR threshold.
BOR protection is active during Sleep. The BOR does not delay wake-up from Sleep.
10.2.2
BOR Is Off in Sleep
When the BOREN bits are programmed to ‘10’, the BOR is on, except in Sleep. BOR protection is not active during
Sleep, but device wake-up will be delayed until the BOR can determine that VDD is higher than the BOR threshold.
The device wake-up will be delayed until the BOR is ready.
10.2.3
BOR Controlled by Software
When the BOREN bits of Configuration Words are programmed to ‘01’, the BOR is controlled by the SBOREN bit.
The device start-up is not delayed by the BOR Ready condition or the VDD level.
BOR protection begins as soon as the BOR circuit is ready. The status of the BOR circuit is reflected in the BORRDY
bit.
BOR protection is unchanged by Sleep.
Table 10-1. BOR Operating Modes
BOREN
SBOREN
Device Mode
BOR Mode
Instruction Execution upon:
Release of POR
Wake-up from
Sleep
11(1)
X
X
Active
Wait for release of BOR
(BORRDY = 1)
Begins
immediately
10
X
Awake
Active
Wait for release of BOR
(BORRDY = 1)
N/A
Sleep
Hibernate
N/A
Wait for release
of BOR
(BORRDY = 1)
01
1
X
Active
Wait for release of BOR
(BORRDY = 1)
Begins
immediately
0
X
Hibernate
00
X
X
Disabled
Begins immediately
PIC16F15213/14/23/24/43/44
Resets
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com