データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F15213 データシート(PDF) 15 Page - Microchip Technology

部品番号 PIC16F15213
部品情報  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 データシート(HTML) 15 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 11Page - Microchip Technology PIC16F15213 Datasheet HTML 12Page - Microchip Technology PIC16F15213 Datasheet HTML 13Page - Microchip Technology PIC16F15213 Datasheet HTML 14Page - Microchip Technology PIC16F15213 Datasheet HTML 15Page - Microchip Technology PIC16F15213 Datasheet HTML 16Page - Microchip Technology PIC16F15213 Datasheet HTML 17Page - Microchip Technology PIC16F15213 Datasheet HTML 18Page - Microchip Technology PIC16F15213 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 439 page
background image
• Handling high-frequency noise: If the board is experiencing high-frequency noise (upward of tens of MHz),
add a second ceramic type capacitor in parallel to the above described decoupling capacitor. The value of the
second capacitor can be in the range of 0.01 μF to 0.001 μF. Place this second capacitor next to each primary
decoupling capacitor. In high-speed circuit designs, consider implementing a decade pair of capacitances as
close to the power and ground pins as possible (e.g., 0.1 μF in parallel with 0.001 μF).
• Maximizing performance: On the board layout from the power supply circuit, run the power and return traces to
the decoupling capacitors first, and then to the device pins. This ensures that the decoupling capacitors are first
in the power chain. Equally important is to keep the trace length between the capacitor and the power pins to a
minimum, thereby reducing PCB trace inductance.
4.2.2
Tank Capacitors
With on boards with power traces running longer than six inches in length, it is suggested to use a tank capacitor for
integrated circuits, including microcontrollers, to supply a local power source. The value of the tank capacitor may be
determined based on the trace resistance that connects the power supply source to the device, and the maximum
current drawn by the device in the application. In other words, select the tank capacitor that meets the acceptable
voltage sag at the device. Typical values range from 4.7 μF to 47 μF.
4.3
Master Clear (MCLR) Pin
The MCLR pin provides two specific device functions: Device Reset, and device programming and debugging. If
programming and debugging are not required in the end application, a direct connection to VDD may be all that
is required. The addition of other components, to help increase the application’s resistance to spurious Resets
from voltage sags, may be beneficial. A typical configuration is shown in Figure 4-1. Other circuit designs may be
implemented, depending on the application’s requirements.
During programming and debugging, the resistance and capacitance that can be added to the pin must be
considered. Device programmers and debuggers drive the MCLR pin. Consequently, specific voltage levels (VIH
and VIL) and fast signal transitions must not be adversely affected. Therefore, specific values of R1 and C1 will need
to be adjusted based on the application and PCB requirements. For example, it is recommended that the capacitor,
C1, be isolated from the MCLR pin during programming and debugging operations by using a jumper (Figure 4-2).
The jumper is replaced for normal run-time operations.
Any components associated with the MCLR pin may be placed within 0.25 inch (6 mm) of the pin.
Figure 4-2. Example of MCLR Pin Connections


C1
R2
R1
VDD
MCLR
JP
PIC® MCU
Rev. 30-000058A
4/5/2017
Notes: 
1.
R1 ≤ 10 kΩ is recommended. A suggested starting value is 10 kΩ. Ensure that the MCLR pin VIH and VIL
specifications are met.
2.
R2 ≤ 470Ω will limit any current flowing into MCLR from the extended capacitor, C1, in the event of MCLR pin
breakdown, due to Electrostatic Discharge (ESD) or Electrical Overstress (EOS). Ensure that the MCLR pin
VIH and VIL specifications are met.
4.4
In-Circuit Serial Programming
™ (ICSP™) Pins
The ICSPCLK and ICSPDAT pins are used for ICSP and debugging purposes. It is recommended to keep the trace
length between the ICSP connector and the ICSP pins on the device as short as possible. If the ICSP connector is
expected to experience an ESD event, a series resistor is recommended, with the value in the range of a few tens of
ohms, not to exceed 100Ω.
PIC16F15213/14/23/24/43/44
Guidelines for Getting Started with PIC16F152 Micr...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com