データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F15213 データシート(PDF) 78 Page - Microchip Technology

部品番号 PIC16F15213
部品情報  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 データシート(HTML) 78 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 74Page - Microchip Technology PIC16F15213 Datasheet HTML 75Page - Microchip Technology PIC16F15213 Datasheet HTML 76Page - Microchip Technology PIC16F15213 Datasheet HTML 77Page - Microchip Technology PIC16F15213 Datasheet HTML 78Page - Microchip Technology PIC16F15213 Datasheet HTML 79Page - Microchip Technology PIC16F15213 Datasheet HTML 80Page - Microchip Technology PIC16F15213 Datasheet HTML 81Page - Microchip Technology PIC16F15213 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 439 page
background image
Figure 11-1. Clock Source Block Diagram
Filename:
152xx Clock Block Diagram.vsdx
Title:
Last Edit:
4/29/2021
First Used:
Notes:
FRQ[2:0]
HFINTOSC
External
Oscillator
(EXTOSC)
CLKIN
31kHz
Oscillator
01
00
10
11
COSC[1:0]
LFINTOSC
1
– 32 MHz
Oscillator
Sleep
Sleep
SYSCMD
System Clock
Peripheral
Clock
2x PLL Mode
MFINTOSC
31.25 kHz
500 kHz
SFINTOSC
1 MHz
HFINTOSC (1-32 MHz)
11.2
Clock Source Types
Clock sources can be classified as external or internal.
External clock sources rely on external circuitry for the clock source to function, such as digital oscillator modules.
Internal clock sources are contained within the oscillator module. The internal oscillator block features two
internal oscillators that are used to generate internal system clock sources. The High-Frequency Internal Oscillator
(HFINTOSC) can produce a wide range of frequencies which are determined via the HFINTOSC Frequency Selection
(OSCFRQ) register. The Low-Frequency Internal Oscillator (LFINTOSC) generates a fixed nominal 31 kHz clock
signal. The internal oscillator block also features an RC oscillator (ADCRC) which is dedicated to the Analog-to-
Digital Converter (ADC).
Important:  The PIC16F152 microcontroller family does not allow the system clock source to be changed
through clock switching. Once the RSTOSC Configuration bits select the oscillator source, the source
cannot be changed via software. If the HFINTOSC is selected as the clock source, the HFINTOSC
frequency may be changed by modifying the FRQ bits.
The instruction clock (FOSC/4) can be routed to the CLKOUT pin when the pin is not in use. The Clock Out
Enable (CLKOUTEN) Configuration bit controls the functionality of the CLKOUT signal. When CLKOUTEN is clear
(CLKOUTEN = 0), the CLKOUT signal is routed to the CLKOUT pin. When CLKOUTEN is set (CLKOUTEN = 1), the
CLKOUT pin functions as an I/O pin.
11.2.1
External Clock Sources
An external clock source can be used as the device system clock by performing the following actions:
• Program the RSTOSC Configuration bits to select the external clock source (RSTOSC = 111)
PIC16F15213/14/23/24/43/44
OSC - Oscillator Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com