データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC58EN80C3RMSBY データシート(PDF) 157 Page - STMicroelectronics

部品番号 SPC58EN80C3RMSBY
部品情報  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EN80C3RMSBY データシート(HTML) 157 Page - STMicroelectronics

Back Button SPC58EN80C3RMSBY Datasheet HTML 150Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 151Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 152Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 153Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 154Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 155Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 156Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 157Page - STMicroelectronics SPC58EN80C3RMSBY Datasheet HTML 158Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 157 / 158 page
background image
DS11734 Rev 6
157/158
SPC584Nx, SPC58ENx, SPC58NNx
Revision history
157
04-June-2019
5 (Cont’)
– Section 4.3.2: FPBGA292: updated package name in the section title.
– Table 78: Thermal characteristics for 292-pin FPBGA: updated values for
RθJAand RθJB symbols.
Chapter 5: Ordering information
– Figure 53: Ordering information scheme: changed Reserved code from A to
B.
06-Dec-2021
6
Table 20: PLL0 electrical characteristics:
– Changed the value in column C for
|ΔPLL0PHI1SPJ| from D to T.
– Updated Max value for fPLL0PHI0 symbol and removed the footnote.
Table 21: PLL1 electrical characteristics: Changed the value in column C for
IPLL1 from T to D.
Table 24: ADC pin specification: Updated unit for Symbol RSAFEPD.
Section 3.12.1: ADC input description: Updated the section.
Section 3.12.5: SD ADC filter modes: Updated Device Number in the
paragraph.
Table 38: External components integration:
– Updated table, notes content and numbering
– Updated Min value for RE
– Updated Typ value for CLVN
– Added note 2 for CFLA
– Added note 6 for CADC
Table 42: Voltage monitor electrical characteristics: Updated table footnote 1.
Figure 26: DSPI CMOS master mode — classic timing, CPHA = 1: Updated
figure.
Figure 53: Ordering information scheme: Updated code description for 4 in N
Core.
Table 81. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com