| データシートサーチシステム |
|
UPD17708 データシート(PDF) 132 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 132 Page - NEC |
|
132 / 356 page ![]() µPD17704, 17705, 17707, 17708, 17709 132 12.2.3 Vector address generator (VAG) The vector address generator generates a branch address (vector address) of the program memory corresponding to an interrupt source that has been accepted from the corresponding peripheral hardware. Table 12-1 shows the vector addresses of the respective interrupt sources. Table 12-1. Interrupt Sources and Vector Addresses Interrupt Source Vector Address Falling edge of CE pin 00CH INT0 pin 00BH INT1 pin 00AH INT2 pin 009H INT3 pin 008H INT4 pin 007H Timer 0 006H Timer 1 005H Timer 2 004H Timer 3 003H Serial interface 0 002H Serial interface 1 001H |