| データシートサーチシステム |
|
UPD17708 データシート(PDF) 135 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 135 Page - NEC |
|
135 / 356 page ![]() 135 µPD17704, 17705, 17707, 17708, 17709 12.3.3 Interrupt stack operation Figure 12-8 shows the operation of the interrupt stack. When nested interrupts exceeding four levels are accepted, since the contents saved first are discarded they therefore must be saved by the program. Figure 12-18. Operation of Interrupt Stack (1/2) (a) Where interrupt nesting level is 4 or less Undefined Undefined Undefined Undefined MAIN Undefined Undefined Undefined Undefined MAIN Undefined Undefined Undefined A MAIN Undefined Undefined Undefined A MAIN Undefined Undefined B A MAIN Undefined Undefined Main routine Interrupt A Interrupt B RETI RETI |