データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 136 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 136 Page - NEC

Back Button UPD17708 Datasheet HTML 132Page - NEC UPD17708 Datasheet HTML 133Page - NEC UPD17708 Datasheet HTML 134Page - NEC UPD17708 Datasheet HTML 135Page - NEC UPD17708 Datasheet HTML 136Page - NEC UPD17708 Datasheet HTML 137Page - NEC UPD17708 Datasheet HTML 138Page - NEC UPD17708 Datasheet HTML 139Page - NEC UPD17708 Datasheet HTML 140Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
136
Figure 12-18. Operation of Interrupt Stack (2/2)
(b) Where interrupt nesting level is 5 or more
Caution
The system is reset when an interrupt of level 5 is accepted.
However, the ISPRES flag, which resets the non-maskable interrupt if the interrupt stack
overflows or underflows, must be set to “1”. This flag is “1” after system reset, and can then
be written only once.
Undefined
Undefined
MAIN
MAIN
Undefined
Undefined
Undefined
A
A
MAIN
Undefined
Undefined
B
Main routine
Interrupt level 1
Interrupt level 2
C
B
A
MAIN
D
D
C
B
A
E
Interrupt D
Interrupt E
Interrupt level 4
Interrupt level 5
System reset
Interrupt A
Interrupt C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More