データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 144 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 144 Page - NEC

Back Button UPD17708 Datasheet HTML 140Page - NEC UPD17708 Datasheet HTML 141Page - NEC UPD17708 Datasheet HTML 142Page - NEC UPD17708 Datasheet HTML 143Page - NEC UPD17708 Datasheet HTML 144Page - NEC UPD17708 Datasheet HTML 145Page - NEC UPD17708 Datasheet HTML 146Page - NEC UPD17708 Datasheet HTML 147Page - NEC UPD17708 Datasheet HTML 148Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
144
12.9 External Interrupts (CE and INT0 through INT4 pins)
12.9.1 Outline of external interrupts
Figure 19-20 outlines the external interrupts.
As shown in the figure, external interrupt requests are issued at the rising or falling edges of signals input
to the INT0 through INT4 pins, and at the falling edge of the CE pin.
Whether an interrupt request is issued at the rising or falling edge of an INT pin is independently specified
by the program.
The INT0 through INT4 and CE pins are Schmitt trigger input pins to prevent malfunctioning due to noise.
These pins do not accept a pulse input of less than 100 ns.
Figure 12-20. Outline of External Interrupts
INT0
INT0 flag
IEG0 flag
Edge detection
block
Schmitt trigger
IRQ0 flag
INT1
INT1 flag
IEG1 flag
Edge detection
block
Schmitt trigger
IRQ1 flag
INT2
INT2 flag
IEG2 flag
Edge detection
block
Schmitt trigger
IRQ2 flag
INT3
INT3 flag
IEG3 flag
Edge detection
block
Schmitt trigger
IRQ3 flag
INT4
INT4 flag
IEG4 flag
Edge detection
block
Schmitt trigger
IRQ4 flag
CE
CE flag
Edge detection
block
Schmitt trigger
IRQCE flag
INT4SEL
INT3SEL
Interrupt control block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More