データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 145 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 145 Page - NEC

Back Button UPD17708 Datasheet HTML 141Page - NEC UPD17708 Datasheet HTML 142Page - NEC UPD17708 Datasheet HTML 143Page - NEC UPD17708 Datasheet HTML 144Page - NEC UPD17708 Datasheet HTML 145Page - NEC UPD17708 Datasheet HTML 146Page - NEC UPD17708 Datasheet HTML 147Page - NEC UPD17708 Datasheet HTML 148Page - NEC UPD17708 Datasheet HTML 149Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 356 page
background image
145
µPD17704, 17705, 17707, 17708, 17709
12.9.2 Edge detection block
The edge detection block specifies the valid edge (rising or falling edge) of an input signal that issues the
interrupt request of INT0 to INT4 pins, by using an interrupt edge selection register.
Figure 12-21 shows the configuration and function of the interrupt edge selection register.
Figure 12-21. Configuration of Interrupt Edge Selection Register (1/2)
Caution
The external input delays about 100 ns.
Name
Flag symbol
b3
I
E
G
4
b2
I
N
T
4
S
E
L
b1
I
E
G
3
b0
I
N
T
3
S
E
L
Address
1EH
Read/Write
R/W
Interrupt edge selection 1
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
0
0
0
0
0
0
0
0
0
1
Interrupt pin (edge detection cricuit operates)
General-purpose port pin (edge detection cricuit stops)
Selects function of P1A2/INT3 pin
Rising edge
Falling edge
Selects input edge to issue interrupt request (INT3 pin)
Interrupt pin (edge detection cricuit operates)
General-purpose port pin (edge detection cricuit stops)
Selects function of P1A3/INT4 pin
Rising edge
Falling edge
Selects input edge to issue interrupt request (INT4 pin)
0
1
0
1
Retained
Retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More