| データシートサーチシステム |
|
UPD17708 データシート(PDF) 148 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 148 Page - NEC |
|
148 / 356 page ![]() µPD17704, 17705, 17707, 17708, 17709 148 13. TIMERS Timers are used to manage the program execution time. 13.1 Outline of Timers Figure 13-1 outlines the timers. The following five timers are available. • Basic timer 0 • Timer 0 • Timer 1 • Timer 2 • Timer 3 Basic timer 0 detects the status of a flip-flop that is set at fixed time intervals in software. Timers 0 through 3 are modulo timers and can use interrupts. Basic timer 0 can also be used to detect a power failure. Timer 3 is multiplexed with the D/A converter. The clock of each timer is created by dividing the system clock (4.5 MHz). Figure 13-1. Outline of Timers (1/2) (1) Basic timer 0 (2) Timer 0 (3) Timer 1 Clock selection 4.5 MHz BTM0CY flag Flip-flop Clock selection 4.5 MHz Gate control TM0G Start/stop 8-bit counter Interrupt control Coincidence detection Overflow Modulo register Clock selection 4.5 MHz Start/stop 8-bit counter Interrupt control Coincidence detection Modulo register |