データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 229 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 229 Page - NEC

Back Button UPD17708 Datasheet HTML 225Page - NEC UPD17708 Datasheet HTML 226Page - NEC UPD17708 Datasheet HTML 227Page - NEC UPD17708 Datasheet HTML 228Page - NEC UPD17708 Datasheet HTML 229Page - NEC UPD17708 Datasheet HTML 230Page - NEC UPD17708 Datasheet HTML 231Page - NEC UPD17708 Datasheet HTML 232Page - NEC UPD17708 Datasheet HTML 233Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 356 page
background image
229
µPD17704, 17705, 17707, 17708, 17709
16.2.8 I2C bus mode
(1) Outline of I2C bus mode
In the I2C bus mode, communication is carried out with two pins, SCL and SDA.
The features of the I2C bus mode are as follows.
•
Communication can be controlled under the start/stop conditions and by the acknowledge signal for the
ninth clock.
•
Communication can be kept waiting by externally fixing the clock to low level with an N-ch open-drain pin.
(2) Timing chart
Figure 16-10 shows the timing chart.
Figure 16-10. Timing Chart in I2C Bus Mode
<1> Initial status (general-purpose input port)
<2> Generates start condition by general-purpose I/O port
<3> Sets transmission status of master
<4> Releases wait
<5> Wait timing when data wait status is set
<6> Wait timing when acknowledge wait status is set
<7> Sets general-purpose I/O port (releases serial operation mode)
<8> Generates stop condition by general-purpose I/O port
<9> Issues interrupt request when value of clock counter first reaches 7 after detection of start condition
<10> Issues interrupt request when value of clock counter reaches 7
<11> Issues interrupt request when value of clock counter reaches 8
<12> Issues interrupt request after stop condition is detected
Clock counter
Serial data
Shift clock
SIO0NWT
SIO0WSTT
SIO0SF8
SIO0SF9
SBSTT
SBBSY
Stop condition
<1>
<2>
<3>
<4>
1
D7
D6
D5
D1
D0
ACK
2
3
789
INT
90
8
7
6
2
1
0
<9>
<10>
<5>
<11>
<6>
<7>
<8>
<12>
Start condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More