データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 231 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 231 Page - NEC

Back Button UPD17708 Datasheet HTML 227Page - NEC UPD17708 Datasheet HTML 228Page - NEC UPD17708 Datasheet HTML 229Page - NEC UPD17708 Datasheet HTML 230Page - NEC UPD17708 Datasheet HTML 231Page - NEC UPD17708 Datasheet HTML 232Page - NEC UPD17708 Datasheet HTML 233Page - NEC UPD17708 Datasheet HTML 234Page - NEC UPD17708 Datasheet HTML 235Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 356 page
background image
231
µPD17704, 17705, 17707, 17708, 17709
This is because, even if only the SBACK flag is set, the SIO0NWT flag is also set because it is in the register
at the same address. If the wait status is set at this time, the wait status is released and one pulse of the shift
clock is output.
Figure 16-11. Acknowledge Output and Input Operations
Data input
Data
Hi-Z (D1)
Hi-Z (D0)
SBACK output
Hi-Z
Shift clock
7
8
9
Acknowledge output
At this time, wait status must
be released at the same time.
Data output
Data
D1 output
D0 output
ACK at reception
side
Shift clock
7
8
9
Acknowledge input
(a) During reception
(b) During transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More