| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 343 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 343 Page - Renesas Technology Corp |
|
343 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 311 of 1468 REJ09B0412-0200 9.11.6 CAS Latency Control The CAS latency is controlled by bits W21 and W20 in WTCRB. Table 9.27 lists the setting and CAS latency. CAS latency control cycles (Tcl) are inserted in a read cycle according to the W21 and W20 settings. WTCRB can be specified regardless of bit AST2 in ASTCR. Figure 9.62 shows a timing example when SDRAM with a CAS latency of 3 is in use. Bits W21 and W20 is initialized to B'11. Table 9.27 CAS Latency Setting W21 W20 Description Number of CAS Latency Cycles 0 0 Setting prohibited 1 SDRAM with CAS latency of 2 is in use 1 1 0 SDRAM with CAS latency of 3 is in use 2 1 SDRAM with CAS latency of 4 is in use 3 |