| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 61 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 61 Page - Renesas Technology Corp |
|
61 / 1504 page ![]() Section 1 Overview Rev. 2.00 Sep. 24, 2008 Page 29 of 1468 REJ09B0412-0200 Classification Pin Name I/O Description TxD0 TxD1 TxD2 TxD4 TxD5 TxD6 Output Output pins for data transmission. RxD0 RxD1 RxD2 RxD4 RxD5 RxD6 Input Input pins for data reception. Serial communications interface (SCI) SCK0 SCK1 SCK2 SCK4 Input/ output Input/output pins for clock signals. IrTxD Output Output pin that outputs encoded data for IrDA. SCI with IrDA (SCI) IrRxD Input Input pin that inputs encoded data for IrDA. SCL0 SCL1 Input/ output Input/output pin for IIC clock. Bus can be directly driven by the NMOS open drain output. I 2C bus interface 2 (IIC2) SDA0 SDA1 Input/ output Input/output pin for IIC data. Bus can be directly driven by the NMOS open drain output. USD+ USD- Input/ output Input/output pin for USB data. Universal serial interface (USB) VBUS Input Input pin for detecting the connection/disconnection of the USB cable. AN7 to AN0 Input Input pins for the analog signals to be processed by the A/D converter. A/D converter ADTRG0-A ADTRG0-B ADTRG1 Input Input pins for the external trigger signal that starts A/D conversion. D/A converter DA1, DA0 Output Output pins for the analog signals from the D/A converter. |