| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 59 Page - Renesas Technology Corp |
|
59 / 1504 page ![]() Section 1 Overview Rev. 2.00 Sep. 24, 2008 Page 27 of 1468 REJ09B0412-0200 Classification Pin Name I/O Description EDREQ0-A/ EDREQ0-B EDREQ1-A/ EDREQ1-B EDREQ2 EDREQ3 Input Requests EXDMAC activation. EDACK0-A/ EDACK0-B EDACK1-A/ EDACK1-B EDACK2 EDACK3 Output EXDMAC single address-transfer acknowledge signal. ETEND0-A/ ETEND0-B ETEND1-A/ ETEND1-B ETEND2 ETEND3 Output Indicates end of data transfer by the EXDMAC. EXDMA controller (EXDMAC) EDRAK0 EDRAK1 Output Notification to external device of EXDMAC external request acceptance and start of execution. TCLKA-A/TCLKA-B TCLKB-A/TCLKB-B TCLKC-A/TCLKC-B TCLKD-A/TCLKD-B Input Input pins for the external clock signals. TIOCA0 TIOCB0 TIOCC0 TIOCD0 Input/ output Signals for TGRA_0 to TGRD_0. These pins are used as input capture inputs, output compare outputs, or PWM outputs. TIOCA1 TIOCB1 Input/ output Signals for TGRA_1 and TGRB_1. These pins are used as input capture inputs, output compare outputs, or PWM outputs. TIOCA2 TIOCB2 Input/ output Signals for TGRA_2 and TGRB_2. These pins are used as input capture inputs, output compare outputs, or PWM outputs. TIOCA3 TIOCB3 TIOCC3 TIOCD3 Input/ output Signals for TGRA_3 to TGRD_3. These pins are used as input capture inputs, output compare outputs, or PWM outputs. 16-bit timer pulse unit (TPU) TIOCA4 TIOCB4 Input/ output Signals for TGRA_4 and TGRB_4. These pins are used as input capture inputs, output compare outputs, or PWM outputs. |