| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 364 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 364 Page - Renesas Technology Corp |
|
364 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 332 of 1468 REJ09B0412-0200 Some DRAMs with the self-refresh have a given time between cancellation of the self-refresh mode and the subsequent command issued cycle. From one to seven of precharge cycles immediately after cancellation of the self-refresh mode can be inserted. Normal precharge is also performed according to bits TPC1 and TPC0 in DRACCR. Set the precharge time including the normal precharge so that the precharge time immediately after a self-refresh cycle is optimal. Figure 9.80 shows a timing example when one precharge cycle is added. T r TR p1 TR c2 TR c3 T c1 T c2 T p Address bus Software standby SDRAM space write Data bus SDRAM φ CS Precharge-sel RAS CAS WE PALL ACTV WRITE NOP NOP DQMLU, DQMLL CKE BS RD/ WR Row address Column address Row address Figure 9.80 Timing Example when 1 Precharge Cycle Added in the Software Standby Mode (TPCS2 to TPCS0 = H'1, TPC1 = 0, TPC0 = 0) |