| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 393 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 393 Page - Renesas Technology Corp |
|
393 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 361 of 1468 REJ09B0412-0200 • When SCKCR is written to set the clock frequencies If an external bus release request, external access, and a refresh request occur simultaneously, the order of priority is as follows: Refresh > EXDMAC > External bus release > External access by CPU, DTC, and DMAC 9.13.2 Pin States in External Bus Released State Table 9.32 shows pin states in the external bus released state. Table 9.32 Pin States in Bus Released State Pins Pin State A23 to A0 High impedance D15 to D0 High impedance BS High impedance CSn (n = 7 to 0) High impedance AS High impedance AH High impedance RD/ WR High impedance LUCAS, LLCAS High impedance RD High impedance RAS High impedance CAS High impedance WE High impedance DQMLU, DQMLL High impedance CKE High impedance OE High impedance LUB, LLB High impedance LHWR, LLWR High impedance DACKn (n = 3 to 0) High EDACKn (n = 3 to 0) High |