| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 493 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 493 Page - Renesas Technology Corp |
|
493 / 1504 page ![]() Section 11 EXDMA Controller (EXDMAC) Rev. 2.00 Sep. 24, 2008 Page 461 of 1468 REJ09B0412-0200 11.3.3 EXDMA Offset Register (EDOFR) EDOFR is a 32-bit readable/writable register that sets the offset value when offset addition is selected for updating source or destination addresses. This register can be set independently for each channel, but the same offset value must be used for the source and destination addresses on the same channel. 31 0 R/W 30 0 R/W 29 0 R/W 28 0 R/W 27 0 R/W 24 0 R/W 26 0 R/W 25 0 R/W Bit Bit Name Initial Value R/W 23 0 R/W 22 0 R/W 21 0 R/W 20 0 R/W 19 0 R/W 16 0 R/W 18 0 R/W 17 0 R/W Bit Bit Name Initial Value R/W 15 0 R/W 14 0 R/W 13 0 R/W 12 0 R/W 11 0 R/W 8 0 R/W 10 0 R/W 9 0 R/W Bit Bit Name Initial Value R/W 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 0 0 R/W 2 0 R/W 1 0 R/W Bit Bit Name Initial Value R/W |