| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 642 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 642 Page - Renesas Technology Corp |
|
642 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 610 of 1468 REJ09B0412-0200 (2) P16/ DACK1-A/IRQ6-A/TCLKC-B/SDA0/EDACK1-A The pin function is switched as shown below according to the combination of the EXDMAC, DMAC and IIC2 register settings and P16DDR bit setting. Setting EXDMAC DMAC IIC2 I/O Port Module Name Pin Function EDACK1A_OE DACK1A_OE SDA0_OE P16DDR EXDMAC EDACK1-A output 1 — DMAC DACK1-A output 0 1 — IIC2 SDA0 input/output 0 0 1 I/O port P16 output 0 0 0 1 P16 input (initial value) 0 0 0 0 (3) P15/RxD5/IrRXD/ TEND1-A/ETEND1-A/IRQ5-A/TCLKB-B/SCL1 The pin function is switched as shown below according to the combination of the EXDMAC, DMAC and IIC2 register settings and P15DDR bit setting. Setting EXDMAC DMAC IIC2 I/O Port Module Name Pin Function ETEND1A_OE TEND1A_OE SCL1_OE P15DDR EXDMAC ETEND1-A output 1 — — DMAC TEND1-A output 0 1 — IIC2 SCL1 input/output 0 0 1 I/O port P15 output 0 0 0 1 P15 input (initial value) 0 0 0 0 |