| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 721 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 721 Page - Renesas Technology Corp |
|
721 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 689 of 1468 REJ09B0412-0200 Input/output pins TIOCA9 TIOCB9 TIOCC9 TIOCD9 TIOCA10 TIOCB10 TIOCA11 TIOCB11 Clock input P φ/1 P φ/4 P φ/16 P φ/64 P φ/256 P φ/1024 P φ/4096 TCLKE TCLKF TCLKG TCLKH Input/output pins TIOCA6 TIOCB6 TIOCC6 TIOCD6 TIOCA7 TIOCB7 TIOCA8 TIOCB8 Interrupt request signals Channel 9: Channel 10: Channel 11: Interrupt request signals Channel 6: Channel 7: Channel 8: Internal data bus TGI9A TGI9B TGI9C TGI9D TCI9V TGI10A TGI10B TCI10V TCI10U TGI11A TGI11B TCI11V TCI11U TGI6A TGI6B TGI6C TGI6D TCI6V TGI7A TGI7B TCI7V TCI7U TGI8A TGI8B TCI8V TCI8U Channel 9: Channel 10: Channel 11: Internal clock: External clock: Channel 6: Channel 7: Channel 8: [Legend] TSTRB: Timer start register TSYRB: Timer synchronous register TCR: Timer control register TMDR: Timer mode register TIOR (H, L): Timer I/O control registers (H, L) TIER: Timer interrupt enable register TSR: Timer status register TGR (A, B, C, D): Timer general registers (A, B, C, D) TCNT: Timer counter PPG output trigger signal Figure 14.2 Block Diagram of TPU (Unit 1) |