| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 848 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 848 Page - Renesas Technology Corp |
|
848 / 1504 page ![]() Section 16 8-Bit Timers (TMR) Rev. 2.00 Sep. 24, 2008 Page 816 of 1468 REJ09B0412-0200 16.2 Input/Output Pins Table 16.1 shows the pin configuration of the TMR. Table 16.1 Pin Configuration Unit Channel Name Symbol I/O Function Timer output pin TMO0 Output Outputs compare match Timer clock input pin TMCI0 Input Inputs external clock for counter 0 Timer reset input pin TMRI0 Input Inputs external reset to counter Timer output pin TMO1 Output Outputs compare match Timer clock input pin TMCI1 Input Inputs external clock for counter 0 1 Timer reset input pin TMRI1 Input Inputs external reset to counter Timer output pin TMO2 Output Outputs compare match Timer clock input pin TMCI2 Input Inputs external clock for counter 2 Timer reset input pin TMRI2 Input Inputs external reset to counter Timer output pin TMO3 Output Outputs compare match Timer clock input pin TMCI3 Input Inputs external clock for counter 1 3 Timer reset input pin TMRI3 Input Inputs external reset to counter 4 2 5 6 3 7 |