| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 927 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 927 Page - Renesas Technology Corp |
|
927 / 1504 page ![]() Section 19 Serial Communication Interface (SCI, IrDA, CRC) Rev. 2.00 Sep. 24, 2008 Page 895 of 1468 REJ09B0412-0200 19.3.9 Bit Rate Register (BRR) BRR is an 8-bit register that adjusts the bit rate. As the SCI performs baud rate generator control independently for each channel, different bit rates can be set for each channel. Table 19.3 shows the relationships between the N setting in BRR and bit rate B for normal asynchronous mode and clocked synchronous mode, and smart card interface mode. The initial value of BRR is H'FF, and it can be read from or written to by the CPU at all times. Table 19.3 Relationships between N Setting in BRR and Bit Rate B Mode ABCS Bit Bit Rate Error 0 N = − 1 64 × 2 × B 2n – 1 P φ × 106 Error (%) = { – 1 } × 100 B × 64 × 2 × (N + 1) 2n – 1 P φ × 106 Asynchronous mode 1 N = − 1 32 × 2 × B 2n – 1 P φ × 106 Error (%) = { – 1 } × 100 B × 32 × 2 × (N + 1) 2n – 1 P φ × 106 Clocked synchronous mode N = − 1 8 × 2 × B 2n – 1 P φ × 106 Smart card interface mode N = − 1 S × 2 × B P φ × 106 2n + 1 Error (%) = B × S × 2 × (N + 1) – 1 × 100 2n + 1 P φ × 106 { } [Legend] B: Bit rate (bit/s) N: BRR setting for baud rate generator (0 ≤ N ≤ 255) P φ: Operating frequency (MHz) n and S: Determined by the SMR settings shown in the following table. SMR Setting SMR Setting CKS1 CKS0 n BCP1 BCP0 S 0 0 0 0 0 32 0 1 1 0 1 64 1 0 2 1 0 372 1 1 3 1 1 256 |