| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 1029 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 1029 Page - Renesas Technology Corp |
|
1029 / 1504 page ![]() Section 20 USB Function Module (USB) Rev. 2.00 Sep. 24, 2008 Page 997 of 1468 REJ09B0412-0200 Table 20.4 Relationship between TRNTREG0 Setting and Pin Output Pin Input Register Setting Pin Output VBUS PTSTE txenl txse0 txdata USD+ USD- 0 X X X X Hi-Z Hi-Z 1 0 X X X 1 1 0 0 0 0 1 1 1 0 0 1 1 0 1 1 0 1 x 0 0 1 1 1 X X Hi-Z Hi-Z [Legend] X: Don't care. : Cannot be controlled. Indicates state in normal operation according to the USB operation and port settings. |