| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 1056 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 1056 Page - Renesas Technology Corp |
|
1056 / 1504 page ![]() Section 20 USB Function Module (USB) Rev. 2.00 Sep. 24, 2008 Page 1024 of 1468 REJ09B0412-0200 (1) Transition from normal operation to stall (1-1) Transaction request USB Reference (1-2) STALL handshake Stall To (2-1) or (3-1) Normal status restored (1-3) (2) When Clear Feature is sent after EPSTL is cleared (2-1) STALL handshake Transaction request (2-2) Clear Feature command Clear Feature command (2-3) (3) When Clear Feature is sent before EPSTL is cleared to 0 (3-1) 1. 1 written to EPSTL by application 1. IN/OUT token received from host 2. EPSTL referenced 1. Transmission of STALL handshake 1. Internal status bit cleared to 0 1. Internal status bit cleared to 0 2. EPSTL not changed 1. 1 set in EPSTL 2. Internal status bit set to 1 3. Transmission of STALL handshake 1. EPSTL cleared to 0 by application 2. IN/OUT token received from host 3. Internal status bit already set to 1 4. EPSTL not referenced 5. Internal status bit not changed To (1-2) Internal status bit 0 EPSTL 0 → 1 Internal status bit 0 EPSTL 1 Internal status bit 0 → 1 EPSTL 1 Internal status bit 1 EPSTL 1 → 0 Internal status bit 1 EPSTL 0 Internal status bit 1 → 0 EPSTL 0 Internal status bit 1 → 0 EPSTL 1 Figure 20.20 Forcible Stall by Application |