| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 1067 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 1067 Page - Renesas Technology Corp |
|
1067 / 1504 page ![]() Section 21 I 2C Bus Interface 2 (IIC2) Rev. 2.00 Sep. 24, 2008 Page 1035 of 1468 REJ09B0412-0200 Vcc Vcc SCL in SCL out SCL SDA in SDA out SDA SCL (Master) (Slave 1) (Slave 2) SDA SCL in SCL out SDA in SDA out SCL in SCL out SDA in SDA out Figure 21.2 Connections to the External Circuit by the I/O Pins 21.2 Input/Output Pins Table 21.1 shows the pin configuration of the I 2C bus interface 2. Table 21.1 Pin Configuration of the I 2C Bus Interface 2 Channel Abbreviation I/O Function SCL0 I/O Channel 0 serial clock I/O pin 0 SDA0 I/O Channel 0 serial data I/O pin SCL1 I/O Channel 1 serial clock I/O pin 1 SDA1 I/O Channel 1 serial data I/O pin Note: The pin symbols are represented as SCL and SDA; channel numbers are omitted in this manual. |