| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 1114 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 1114 Page - Renesas Technology Corp |
|
1114 / 1504 page ![]() Section 22 A/D Converter Rev. 2.00 Sep. 24, 2008 Page 1082 of 1468 REJ09B0412-0200 ADIE ADST ADF ADDRA ADDRB ADDRC ADDRD Channel 0 (AN0) operation state Channel 1 (AN1) operation state Channel 2 (AN2) operation state Channel 3 (AN3) operation state Set* Set* Set* A/D conversion start Clear* Clear* Waiting for conversion Waiting for conversion Waiting for conversion Waiting for conversion Waiting for conversion Reading A/D conversion result Reading A/D conversion result A/D conversion 1 A/D conversion 2 A/D conversion result 1 A/D conversion result 2 Waiting for conversion Note: * ↓ indicates the timing of instruction execution by software. Figure 22.3 Example of A/D Converter Operation (Single Mode, Channel 1 Selected) 22.4.2 Scan Mode In scan mode, A/D conversion is to be performed sequentially on the analog inputs of the specified channels up to four or eight* 1 channels. Two types of scan mode are provided, that is , continuous scan mode where A/D conversion is repeatedly performed and one-cycle scan mode where A/D conversion is performed for the specified channels for one cycle. (1) Continuous Scan Mode 1. When the ADST bit in ADCSR is set to 1 by software, TPU* 1, TMR*2, or an external trigger input, A/D conversion starts on the first channel in the specified channel group. Consecutive A/D conversion on a maximum of four channels (SCANE and SCANS = B'10) or on a maximum of eight channels* 1 (SCANE and SCANS = B'11) can be selected. When consecutive A/D conversion is performed on four channels, A/D conversion starts on AN0 when CH3 and CH2 of unit 0 = B’00, on AN4 when CH3 and CH2 of units 0 and 1 = B'01. |