| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 114 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 114 Page - Renesas Technology Corp |
|
114 / 1504 page ![]() Section 3 MCU Operating Modes Rev. 2.00 Sep. 24, 2008 Page 82 of 1468 REJ09B0412-0200 Bit Bit Name Initial Value R/W Descriptions 11 10 9 8 MDS3 MDS2 MDS1 MDS0 Undefined* Undefined* Undefined* Undefined* R R R R Mode Select 3 to 0 These bits indicate the operating mode selected by the mode pins (MD2 to MD0) (see table 3.3). When MDCR is read, the signal levels input on pins MD2 to MD0 are latched into these bits. These latches are released by a reset. 7 6 5 4 3 2 1 0 Undefined* 1 0 1 Undefined* Undefined* Undefined* Undefined* R R R R R R R R Reserved These are read-only bits and cannot be modified. Note: * Determined by pins MD3 to MD0. Table 3.3 Settings of Bits MDS3 to MDS0 Mode Pins MDCR MCU Operating Mode MD2 MD1 MD0 MDS3 MDS2 MDS1 MDS0 1 0 0 1 1 1 0 1 2 0 1 0 1 1 0 0 3 0 1 1 0 1 0 0 4 1 0 0 0 0 1 0 5 1 0 1 0 0 0 1 6 1 1 0 0 1 0 1 7 1 1 1 0 1 0 0 |