| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 1167 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 1167 Page - Renesas Technology Corp |
|
1167 / 1504 page ![]() Section 25 Flash Memory Rev. 2.00 Sep. 24, 2008 Page 1135 of 1468 REJ09B0412-0200 (6) Flash Multipurpose Data Destination Parameter (FMPDR: General Register ER0 of CPU) FMPDR stores the start address in the area that stores the data to be programmed in the user MAT. When the storage destination for the program data is in flash memory, an error occurs. The error occurrence is indicated by the WD bit in FPFR. 31 MOD31 30 MOD30 29 MOD29 28 MOD28 27 MOD27 24 MOD24 26 MOD26 25 MOD25 23 MOD23 22 MOD22 21 MOD21 20 MOD20 19 MOD19 16 MOD16 18 MOD18 17 MOD17 15 MOD15 14 MOD14 13 MOD13 12 MOD12 11 MOD11 8 MOD8 10 MOD10 9 MOD9 7 MOD7 6 MOD6 5 MOD5 4 MOD4 3 MOD3 0 MOD0 2 MOD2 1 MOD1 Bit Bit Name Bit Bit Name Bit Bit Name Bit Bit Name Bit Bit Name Initial Value R/W Description 31 to 0 MOD31 to MODA0 R/W These bits store the start address of the area which stores the program data for the user MAT. Consecutive 128-byte data is programmed to the user MAT starting from the specified start address. |