| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 1188 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 1188 Page - Renesas Technology Corp |
|
1188 / 1504 page ![]() Section 25 Flash Memory Rev. 2.00 Sep. 24, 2008 Page 1156 of 1468 REJ09B0412-0200 (4) Procedure of Erasing, Programming, and RAM Emulation in User Program Mode By changing the on-chip RAM start address of the download destination in FTDAR, the erasing program and programming program can be downloaded to separate on-chip RAM areas. Figure 25.15 shows a repeating procedure of erasing, programming, and RAM emulation. Yes No Start procedure program Initialize erasing program Set FTDAR to H'02 (specify download destination H'FFB000) Download programming program Initialize programming program End procedure program Erase relevant block (execute erasing program) Set FMPDR to H'FFA000 and program relevant block (execute programming program) Confirm operation End ? Set FTDAR to H'00 (specify download destination to H'FF9000) Download erasing program Exit emulation mode Make a transition to RAM emulation mode and tuning parameters in on-chip RAM 1 1 Figure 25.15 Repeating Procedure of Erasing, Programming, and RAM Emulation in User Program Mode |