| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 154 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 154 Page - Renesas Technology Corp |
|
154 / 1504 page ![]() Section 6 Exception Handling Rev. 2.00 Sep. 24, 2008 Page 122 of 1468 REJ09B0412-0200 When an address error occurs, the following is performed to halt the DTC, DMAC, and EXDMAC. • The ERR bit of DTCCR in the DTC is set to 1. • The ERRF bit of DMDR_0 in the DMAC is set to 1. • The ERRF bit of EDMDR_0 in the EXDMAC is set to 1. • The DTE bits of DMDRs for all channels in the DMAC are cleared to 0 to forcibly terminate transfer. • The DTE bits of EDMDRs for all channels in the EXDMAC are cleared to 0 to forcibly terminate transfer. Table 6.6 shows the state of CCR and EXR after execution of the address error exception handling. Table 6.6 Status of CCR and EXR after Address Error Exception Handling CCR EXR Interrupt Control Mode I UI T I2 to I0 0 1 2 1 0 7 [Legend] 1: Set to 1 0: Cleared to 0 : Retains the previous value. |