| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 177 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 177 Page - Renesas Technology Corp |
|
177 / 1504 page ![]() Section 7 Interrupt Controller Rev. 2.00 Sep. 24, 2008 Page 145 of 1468 REJ09B0412-0200 Bit Bit Name Initial Value R/W Description 11 10 9 8 7 6 5 4 3 2 1 0 IRQ11F IRQ10F IRQ9F IRQ8F IRQ7F IRQ6F IRQ5F IRQ4F IRQ3F IRQ2F IRQ1F IRQ0F 0 0 0 0 0 0 0 0 0 0 0 0 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 R/(W)* 1 [Setting condition] • When the interrupt selected by ISCR occurs [Clearing conditions] • Writing 0 after reading IRQnF = 1 (n = 11 to 0) • When interrupt exception handling is executed while low-level sensing is selected and IRQn input is high • When IRQn interrupt exception handling is executed while falling-, rising-, or both-edge sensing is selected • When the DTC is activated by an IRQn interrupt, and the DISEL bit in MRB of the DTC is cleared to 0 Notes: 1. Only 0 can be written, to clear the flag. 2. Supported only by the H8SX/1668M Group. 7.3.7 Software Standby Release IRQ Enable Register (SSIER) SSIER selects the IRQ interrupt used to leave software standby mode. The IRQ interrupt used to leave software standby mode should not be set as the DTC activation source. Bit Bit Name Initial Value R/W 15 SSI15 0 R/W 14 0 R/W 13 0 R/W 12 0 R/W 11 SSI11 0 R/W 10 SSI10 0 R/W 9 SSI9 0 R/W 8 SSI8 0 R/W Bit Bit Name Initial Value R/W 7 SSI7 0 R/W 6 SSI6 0 R/W 5 SSI5 0 R/W 4 SSI4 0 R/W 3 SSI3 0 R/W 2 SSI2 0 R/W 1 SSI1 0 R/W 0 SSI0 0 R/W |