| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 192 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 192 Page - Renesas Technology Corp |
|
192 / 1504 page ![]() Section 7 Interrupt Controller Rev. 2.00 Sep. 24, 2008 Page 160 of 1468 REJ09B0412-0200 7.6.3 Interrupt Exception Handling Sequence Figure 7.5 shows the interrupt exception handling sequence. The example is for the case where interrupt control mode 0 is set in maximum mode, and the program area and stack area are in on- chip memory. Figure 7.5 Interrupt Exception Handling |