| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 225 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 225 Page - Renesas Technology Corp |
|
225 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 193 of 1468 REJ09B0412-0200 Bit Bit Name Initial Value R/W Description 7 0 R Reserved This is a read-only bit and cannot be modified. 6 5 4 W12 W11 W10 1 1 1 R/W R/W R/W Area 1 Wait Control 2 to 0 These bits select the number of program wait cycles when accessing area 1 while bit AST1 in ASTCR is 1. 000: Program wait cycle not inserted 001: 1 program wait cycle inserted 010: 2 program wait cycles inserted 011: 3 program wait cycles inserted 100: 4 program wait cycles inserted 101: 5 program wait cycles inserted 110: 6 program wait cycles inserted 111: 7 program wait cycles inserted 3 0 R Reserved This is a read-only bit and cannot be modified. 2 1 0 W02 W01 W00 1 1 1 R/W R/W R/W Area 0 Wait Control 2 to 0 These bits select the number of program wait cycles when accessing area 0 while bit AST0 in ASTCR is 1. 000: Program wait cycle not inserted 001: 1 program wait cycle inserted 010: 2 program wait cycles inserted 011: 3 program wait cycles inserted 100: 4 program wait cycles inserted 101: 5 program wait cycles inserted 110: 6 program wait cycles inserted 111: 7 program wait cycles inserted |