| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 235 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 235 Page - Renesas Technology Corp |
|
235 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 203 of 1468 REJ09B0412-0200 9.2.9 Endian Control Register (ENDIANCR) ENDIANCR selects the endian format for each area of the external address space. Though the data format of this LSI is big endian, data can be transferred in the little endian format during external address space access. Note that the data format for the areas used as a program area or a stack area should be big endian. Bit Bit Name Initial Value R/W 7 LE7 0 R/W 6 LE6 0 R/W 5 LE5 0 R/W 4 LE4 0 R/W 3 LE3 0 R/W 2 LE2 0 R/W 1 0 R 0 0 R Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 LE7 LE6 LE5 LE4 LE3 LE2 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W Little Endian Select Selects the endian for the corresponding area. 0: Data format of area n is specified as big endian 1: Data format of area n is specified as little endian (n = 7 to 2) 1, 0 All 0 R Reserved These are read-only bits and cannot be modified. |