| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 292 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 292 Page - Renesas Technology Corp |
|
292 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 260 of 1468 REJ09B0412-0200 (2) 3-State Access Space Figure 9.26 shows the bus timing when the byte control SRAM space is specified as a 3-state access space. Data buses used for 16-bit access space is the same as those in the basic bus interface. Wait cycles can be inserted. B φ Address High level Bus cycle CSn AS T 1 T 2 T 3 Valid Valid Valid Valid D15 to D8 D7 to D0 D15 to D8 D7 to D0 RD LUB LLB DACK or EDACK BS RD/ WR RD RD/ WR Note: n = 0 to 7 Read Write Figure 9.26 16-Bit 3-State Access Space Bus Timing |