データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6V06T データシート(PDF) 12 Page - Microchip Technology

部品番号 MCP6V06T
部品情報  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06T データシート(HTML) 12 Page - Microchip Technology

Back Button MCP6V06T Datasheet HTML 8Page - Microchip Technology MCP6V06T Datasheet HTML 9Page - Microchip Technology MCP6V06T Datasheet HTML 10Page - Microchip Technology MCP6V06T Datasheet HTML 11Page - Microchip Technology MCP6V06T Datasheet HTML 12Page - Microchip Technology MCP6V06T Datasheet HTML 13Page - Microchip Technology MCP6V06T Datasheet HTML 14Page - Microchip Technology MCP6V06T Datasheet HTML 15Page - Microchip Technology MCP6V06T Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
MCP6V06/7/8
DS22093B-page 12
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL, CL = 60 pF, and CS = GND.
2.3
Frequency Response
FIGURE 2-25:
CMRR and PSRR vs.
Frequency.
FIGURE 2-26:
Open-Loop Gain vs.
Frequency with VDD =1.8V.
FIGURE 2-27:
Open-Loop Gain vs.
Frequency with VDD =5.5V.
FIGURE 2-28:
Gain Bandwidth Product
and Phase Margin vs. Ambient Temperature.
FIGURE 2-29:
Gain Bandwidth Product
and Phase Margin vs. Common Mode Input
Voltage.
FIGURE 2-30:
Gain Bandwidth Product
and Phase Margin vs. Output Voltage.
0
10
20
30
40
50
60
70
80
90
100
110
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
CMRR
PSRR+
PSRR-
10
100k
1k
1M
10k
100
-30
-20
-10
0
10
20
30
40
50
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
-270
-240
-210
-180
-150
-120
-90
-60
-30
0
| AOL |
∠AOL
1k
10k
100k
1M
10M
VDD = 1.8V
CL = 60 pF
-30
-20
-10
0
10
20
30
40
50
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
-270
-240
-210
-180
-150
-120
-90
-60
-30
0
| AOL |
∠AOL
1k
10k
100k
1M
10M
VDD = 5.5V
CL = 60 pF
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
40
50
60
70
80
90
100
110
120
130
VDD = 5.5V
PM
GBWP
VDD = 1.8V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Common Mode Input Voltage (V)
40
50
60
70
80
90
100
110
120
130
VDD = 5.5V
PM
VDD = 1.8V
GBWP
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
40
50
60
70
80
90
100
110
120
130
VDD = 5.5V
PM
VDD = 1.8V
GBWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com