データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6V06T データシート(PDF) 15 Page - Microchip Technology

部品番号 MCP6V06T
部品情報  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06T データシート(HTML) 15 Page - Microchip Technology

Back Button MCP6V06T Datasheet HTML 11Page - Microchip Technology MCP6V06T Datasheet HTML 12Page - Microchip Technology MCP6V06T Datasheet HTML 13Page - Microchip Technology MCP6V06T Datasheet HTML 14Page - Microchip Technology MCP6V06T Datasheet HTML 15Page - Microchip Technology MCP6V06T Datasheet HTML 16Page - Microchip Technology MCP6V06T Datasheet HTML 17Page - Microchip Technology MCP6V06T Datasheet HTML 18Page - Microchip Technology MCP6V06T Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22093B-page 15
MCP6V06/7/8
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL, CL = 60 pF, and CS = GND.
2.5
Time Response
FIGURE 2-41:
Input Offset Voltage vs.
Time with Temperature Change.
FIGURE 2-42:
Input Offset Voltage vs.
Time at Power Up.
FIGURE 2-43:
The MCP6V06/7/8 family
shows no input phase reversal with overdrive.
FIGURE 2-44:
Non-inverting Small Signal
Step Response.
FIGURE 2-45:
Non-inverting Large Signal
Step Response.
FIGURE 2-46:
Inverting Small Signal Step
Response.
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
0
20 40 60 80 100 120 140 160 180 200
Time (s)
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
TPCB
VOS
Temperature increased by
using heat gun for 4 seconds.
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Time (200 µs/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
POR Trip
Point
VOS
VDD
-1
0
1
2
3
4
5
6
7
01
234
567
89
10
Time (ms)
VDD = 5.5V
G = 1
VOUT
VIN
02468
10
12
14
16
18
20
Time (µs)
VDD = 5.5V
G = 1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
35
40
45
50
Time (µs)
VDD = 5.5V
G = 1
01234
5678
9
10
Time (µs)
VDD = 5.5V
G = -1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com