| データシートサーチシステム |
|
PC87309VLJ データシート(PDF) 75 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87309VLJ データシート(HTML) 75 Page - National Semiconductor (TI) |
|
75 / 192 page ![]() The Floppy Disk Controller (FDC) (Logical Device 0) 75 www.national.com First Command Phase Byte See Section 3.7.10 on page 64 for a description of these bits. Second Command Phase Byte Bits 2-0 - Drive Select (DS1,0) and Head (HD) Select See the description of the Drive Select bits (DS1,0) and the Head (HD) in Section 3.7.10 on page 64. Bit 7 - Enable Count Control (EC) This bit controls whether the End of Track sector num- ber or the Sectors to read Count (SC) triggers termina- tion of the VERIFY command. See also TABLE 3-26 on page 75. 0: Terminate VERIFY when the number of last sector read equals the End of Track (EOT) sector number. The ninth command phase byte (Sectors to read Count, SC), is not needed and should be set to FFh. 1: Terminate VERIFY when number of sectors read equals the number of sectors to read, i.e., Sectors to read Count (SC). Third through Eighth Command Phase Bytes See Section 3.7.10 on page 64. Always set the End of Track (EOT) sector number to the number of the last sector to be checked on each side of the disk. If EOT is greater than the number of sectors per side, the command terminates with an error and no useful Address Mark (AM) or CRC data is returned. Ninth Command Phase Byte, Sectors to Read Count (SC) This byte specifies the number of sectors to read. If the Enable Count (EC) control bit (bit 7) of the second com- mand byte is 0, this byte is not needed and should be set to the value FFh. Execution Phase Data is read from the disk, as the controller checks for valid address marks in the address and data fields. This command is identical to the READ DATA command, except that it does not transfer data during the execution phase. See Section 3.7.10 on page 64. If the Multi-Track (MT) parameter is 1 and SC is greater than the number of remaining formatted sectors on side 0, verification continues on side 1 of the disk. Result Phase TABLE 3-26 on page 75 shows how different conditions af- fect the termination status. TABLE 3-26. VERIFY Command Termination Conditions 1. Number of formatted sectors per side of the disk. 2. Number of formatted sectors left which can be read, including side 1 of the disk, if MT is 1. End of Track (EOT) Sector Number Bytes Between Sectors - Gap 3 Sectors to read Count (SC) 76543210 76543210 Result Phase Status Register 0 (ST0) Result Phase Status Register 1 (ST1) Result Phase Status Register 2 (ST2) Track Number Head Number Sector Number Bytes-Per-Sector Code MT EC Sector Count (SC) or End of Track (EOT) Value Termination Status 0 0 SC should be FFh EOT ≤ Sectors per Side1 No Errors SC should be FFh EOT > Sectors per Side Abnormal Termination 01 SC ≤ Sectors per Side and SC ≤ EOT No Errors SC > Sectors Remaining2 or SC > EOT Abnormal Termination 1 0 SC should be FFh EOT ≤ Sectors per Side No Errors SC should be FFh EOT > Sectors per Side Abnormal Termination 11 SC ≤ Sectors per Side and SC ≤ EOT No Errors SC ≤ (EOT x 2) and EOT ≤ Sectors per Side No Errors SC > (EOT x 2) Abnormal Termination |