| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 432 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 432 Page - Renesas Technology Corp |
|
432 / 1504 page ![]() Section 10 DMA Controller (DMAC) Rev. 2.00 Sep. 24, 2008 Page 400 of 1468 REJ09B0412-0200 10.3.8 DMA Module Request Select Register (DMRSR) DMRSR is an 8-bit readable/writable register that specifies the on-chip module interrupt source. The vector number of the interrupt source is specified in eight bits. However, 0 is regarded as no interrupt source. For the vector numbers of the interrupt sources, refer to table 10.5. 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 0 0 R/W 2 0 R/W 1 0 R/W Bit Bit Name Initial Value R/W |