| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 655 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 655 Page - Renesas Technology Corp |
|
655 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 623 of 1468 REJ09B0412-0200 (2) P64/TMCI3/ TEND3/ETEND1-B/TDI The pin function is switched as shown below according to the combination of the EXDMAC and DMAC register settings and P64DDR bit setting. Setting EXDMAC DMAC I/O Port Module Name Pin Function MCU Operation Mode ETEND1B_OE TEND3_OE P64DDR EXDMAC ETEND1-B output 1 DMAC TEND3 output 0 1 P64 output 0 0 1 I/O port P64 input (initial value) Except for boundary scan enabled mode* 0 0 0 Note: * These pins are boundary scan dedicated input pins during boundary scan enabled mode. (3) P63/TMRI3/ DREQ3/EDREQ1-B/IRQ11-B/TMS The pin function is switched as shown below according to the P63DDR bit setting. Setting I/O Port Module Name Pin Function MCU Operation Mode P63DDR I/O port P63 output 1 P63 input (initial value) Except for boundary scan enabled mode* 0 Note: * These pins are boundary scan dedicated input pins during boundary scan enabled mode. |