| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 657 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 657 Page - Renesas Technology Corp |
|
657 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 625 of 1468 REJ09B0412-0200 (6) P60/TMRI2/TxD4/ DREQ2/EDREQ0-B/IRQ8-B The pin function is switched as shown below according to the combination of the SCI register setting and P60DDR bit setting. Setting SCI I/O Port Module Name Pin Function TxD4_OE P60DDR SCI TxD4 output 1 P60 output 0 1 I/O port P60 input (initial value) 0 0 13.2.6 Port A (1) PA7/B φ The pin function is switched as shown below according to the PA7DDR bit setting. Setting I/O Port Module Name Pin Function PA7DDR I/O port B φ output (initial value E) 1 PA7 input (initial value S) 0 [Legend] Initial value E: Initial value in external extended mode Initial value S: Initial value in single-chip mode |