| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 677 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 677 Page - Renesas Technology Corp |
|
677 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 645 of 1468 REJ09B0412-0200 (5) PJ3/PO19/TIOCC6/TIOCD6/TCLKF The pin function is switched as shown below according to the combination of register setting of PPG and TPU, setting of the port function control register (PFCR), and the PJ3DDR bit settings. Setting PPG TPU I/O Port Module Name Pin Function PO19_OE TIOCD6_OE PJ3DDR PPG PO19 output* 1 TPU TIOCD6 output* 0 1 PJ3 output* 0 0 1 I/O port PJ3 input* 0 0 0 Note: * Valid when PCJKE = 1. (6) PJ2/PO18/TIOCC6/TCLKE The pin function is switched as shown below according to the combination of register setting of PPG and TPU, setting of the port function control register (PFCR), and the PJ2DDR bit settings. Setting PPG TPU I/O Port Module Name Pin Function PO18_OE TIOCC6_OE PJ2DDR PPG PO18 output* 1 TPU TIOCC6 output* 0 1 PJ2 output* 0 0 1 I/O port PJ2 input* 0 0 0 Note: * Valid when PCJKE = 1. |