| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 678 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 678 Page - Renesas Technology Corp |
|
678 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 646 of 1468 REJ09B0412-0200 (7) PJ1/PO17/TIOCA6/TIOCB6 The pin function is switched as shown below according to the combination of register setting of PPG and TPU, setting of the port function control register (PFCR), and the PJ1DDR bit settings. Setting PPG TPU I/O Port Module Name Pin Function PO17_OE TIOCB6_OE PJ1DDR PPG PO17 output* 1 TPU TIOCB6 output* 0 1 PJ1 output* 0 0 1 I/O port PJ1 input* 0 0 0 Note: * Valid when PCJKE = 1. (8) PJ0/PO16/TIOCA6 The pin function is switched as shown below according to the combination of register setting of PPG and TPU, setting of the port function control register (PFCR), and the PJ0DDR bit settings. Setting PPG TPU I/O Port Module Name Pin Function PO16_OE TIOCA6_OE PJ0DDR PPG PO16 output* 1 TPU TIOCA6 output* 0 1 PJ0 output* 0 0 1 I/O port PJ0 input* 0 0 0 Note: * Valid when PCJKE = 1. |